Part Number Hot Search : 
D221K KA2983 SSA150 27C040 R321142 SK520 1SMA5927 CXA1207
Product Description
Full Text Search
 

To Download EMVZ250ADA100MD60G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Engineering Bulletin
@Very low impedance, 105C 1000-2000 hour-life @Solvent-proof type @Pb-free design
No.703C / Oct.2004
Vertical Surface Mount Type Aluminum Electrolytic Capacitors
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. impedance Ratio) Endurance -55 to +105C 6.3 to 25Vdc P20%(M) (20C, 120Hz) I=0.01CV or 3MA, whichever is greater Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) 6.3V 10V 16V 25V Rated voltage(Vdc) D60 to F80 0.24 0.20 0.16 0.14 tanE (Max.) 0.28 0.24 0.20 0.16 HA0, JA0 (20C, 120Hz) 6.3V 10V 16V 25V Rated voltage(Vdc) 3 2 2 2 Z(-25C)/Z(+20C) 4 4 3 5 Z(-55C)/Z(+20C) (120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 1000 hours (HA0/JA0 sizes 2,000 hours) at 105C. Rated voltage (Vdc) 6.3V 10 to 25V Capacitance change [P30% of the initial value [P25% of the initial value D.F. (tanE) [200% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value
Characteristics
?DIMENSIONS [mm]
@Terminal Code : A
W FDP0.5 P CP0.2 BP0.2
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
?MARKING
EX) 16V220MF
0VZ
E MV Z AAA A DA AAA M AAA G
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 47MF:470,100MF:101) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,25V:250) Series code Category
P 1.0 1.4 1.9 1.9 3.1 4.5
220 16V
0.3max. LP0.3 (Note)
AP0.2
Note : LP0.5 for HA0 and JA0
Size code D60 E60 F60 F80 HA0 JA0 D L A B C 4 5.7 4.3 4.3 5.1 5 5.7 5.3 5.3 5.9 6.3 5.7 6.6 6.6 7.2 6.3 7.7 6.6 6.6 7.2 8 10.0 8.3 8.3 9.0 10 10.0 10.3 10.3 11.0 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1
?STANDARD RATINGS
WV (Vdc) Rated ripple Impedance Cap current Size code (omax/20c, (mF) (mArms/105c, 100kHz) 100kHz) 27 D60 1.8 80 47 E60 0.76 150 56 E60 0.76 150 220 F60 0.44 230 330 F80 0.34 280 680 HA0 0.17 450 1000 HA0 0.17 450 1500 JA0 0.09 670 22 D60 1.8 80 33 E60 0.76 150 150 F60 0.44 230 1000 JA0 0.09 670 15 D60 1.8 80 27 E60 0.76 150 100 F60 0.44 230 150 F80 0.34 280 Part No. EMVZ6R3ADA270MD60G EMVZ6R3ADA470ME60G EMVZ6R3ADA560ME60G EMVZ6R3ADA221MF60G EMVZ6R3ADA331MF80G EMVZ6R3ADA681MHA0G EMVZ6R3ADA102MHA0G EMVZ6R3ADA152MJA0G EMVZ100ADA220MD60G EMVZ100ADA330ME60G EMVZ100ADA151MF60G EMVZ100ADA102MJA0G EMVZ160ADA150MD60G EMVZ160ADA270ME60G EMVZ160ADA101MF60G EMVZ160ADA151MF80G WV (Vdc) Rated ripple Impedance Cap current Size code (omax/20c, (mF) (mArms/105c, 100kHz) 100kHz) 220 F80 0.34 280 470 HA0 0.17 450 680 JA0 0.09 670 10 D60 1.8 80 15 E60 0.76 150 22 E60 0.76 150 27 F60 0.44 230 33 F60 0.44 230 47 F60 0.44 230 56 F60 0.44 230 68 F60 0.44 230 100 F80 0.34 280 150 HA0 0.17 450 220 HA0 0.17 450 330 HA0 0.17 450 470 JA0 0.09 670 Part No. EMVZ160ADA221MF80G EMVZ160ADA471MHA0G EMVZ160ADA681MJA0G EMVZ250ADA100MD60G EMVZ250ADA150ME60G EMVZ250ADA220ME60G EMVZ250ADA270MF60G EMVZ250ADA330MF60G EMVZ250ADA470MF60G EMVZ250ADA560MF60G EMVZ250ADA680MF60G EMVZ250ADA101MF80G EMVZ250ADA151MHA0G EMVZ250ADA221MHA0G EMVZ250ADA331MHA0G EMVZ250ADA471MJA0G
16
6.3
10
25
16
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1222
1


▲Up To Search▲   

 
Price & Availability of EMVZ250ADA100MD60G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X